part #: revision: 4411 south high school road, indianapolis, indiana 46241 u. s.a phone: (317) 612-1000 fax: (317) 612-1010 www.mallory-sonalert.com operating temperature -30 to +65 c knurled nut used to attach part to panel. the max recommended torque is 10 in-lbs. dimensions: inches (mm) weight (typical) 28 g nema 3r,4x, & 12 approved with use of included gasket. options please contact factory. current draw 40ma max rohs compliant housing material 6/6 nylon, color: black front cap material 6/6 ny lon, color: opaque white storage temperature -40 to +80 c panel mounting recommended hole size is 22.5 mm. thread front will fit standard 22.5mm hole. voltage rating 90 to 120 vac frequency 3700 500 hz loudness @ 2 ft 85 to 95 db(a) typ. lens color opaque white led color green led mode of operation continuous specifications: sound level category loud mode of operation continuous mallory sonalert products,inc. ZT120LACTG sales outline drawing a 1.210 [30.74] m22 x 1.5 thread <0.86 maj. dia. 0.524 [13.31] gasket knurl nut 1.710 [43.44] + -
|